Part Number Hot Search : 
P6KE51A ISF0505A 2SK1215 RN2008 NTE23 DA05N10 C1024 CLV1215E
Product Description
Full Text Search
 

To Download H11AA1-X006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H11AA1
Vishay Semiconductors
Optocoupler, Phototransistor Output, AC Input, with Base Connection
FEATURES
* AC or polarity insensitive input * Built-in reverse polarity input protection
A/C 1 6B 5C 4E
* I/O compatible with integrated circuits * Industry standard DIP package * Isolation test voltage: 5300 VRMS * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
C/A 2 NC 3
i179010
APPLICATIONS
* Telephone line detection * AC line motor * PLC
DESCRIPTION
The H11AA1 is a bi-directional input optically coupled isolator consisting of two inverse parallel gallium arsenide infrared LEDs coupled to a silicon NPN phototransistor in a 6 pin DIP package. The H11AA1 has a minimum CTR of 20 %, a CTR symmetry of 1:3 and is designed for applications requiring detection or monitoring of AC signals.
* Instrumentation
AGENCY APPROVALS
* UL1577, file no. E52744 system code H or J, double protection * CSA 93751 * BSI IEC 60950; IEC 60065 * DIN EN 60747-5-5 available with option 1 * FIMKO
ORDER INFORMATION
PART H11AA1 H11AA1-X006 H11AA1-X007 H11AA1-X009 Note For additional information on the available options refer to option information. REMARKS CTR > 20 %, DIP-6 CTR > 20 %, DIP-6 400 mil (option 6) CTR > 20 %, SMD-6 (option 7) CTR > 20 %, SMD-6 (option 9)
ABSOLUTE MAXIMUM RATINGS
PARAMETER INPUT Forward continuous current Power dissipation Derate linearly from 25 C OUTPUT Power dissipation Derate linearly from 25 C Collector emitter breakdown voltage Emitter base breakdown voltage Collector base breakdown voltage BVCEO BVEBO BVCBO Pdiss 200 2.6 30 5 70 mW mW/C V V V IF Pdiss 60 100 1.3 mA mW mW/C TEST CONDITION SYMBOL VALUE UNIT
Document Number: 83608 Rev. 1.6, 08-May-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 277
H11AA1
Vishay Semiconductors Optocoupler, Phototransistor Output,
AC Input, with Base Connection
ABSOLUTE MAXIMUM RATINGS
PARAMETER COUPLER Isolation test voltage (RMS) Creepage distance Clearance distance Comparative tracking index Isolation resistance Storage temperature range Operating temperature range Lead soldering time at 260 C per DIN IEC 112/VDE 0303, part 1 VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C CTI RIO RIO Tstg Tamb Tsld between emitter and detector, referred to standard climate 23 C/50% RH, DIN 50014 VISO 5300 7 7 175 1012 1011 - 55 to + 150 - 55 to + 100 10 C C s VRMS mm mm TEST CONDITION SYMBOL VALUE UNIT
Note Tamb = 25 C, unless otherwise specified. Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for extended periods of the time can adversely affect reliability.
ELECTRICAL CHARACTERISTCS
PARAMETER INPUT Forward voltage OUTPUT Collector emitter breakdown voltage Emitter base breakdown voltage Collector base breakdown voltage Collector emitter leakage current COUPLER Collector emitter saturation voltage IF = 10 mA, IC = 0.5 mA VCEsat 0.4 V IC = 1 mA IE = 100 A IC = 100 A VCE = 10 V BVCEO BVEBO BVCBO ICEO 30 5 70 5 100 V V V nA IF = 10 mA VF 1.2 1.5 V TEST CONDITION SYMBOL MIN. TYP. MAX. UNIT
Note Tamb = 25 C, unless otherwise specified. Minimum and maximum values were tested requierements. Typical values are characteristics of the device and are the result of engineering evaluations. Typical values are for information only and are not part of the testing requirements.
CURRENT TRANSFER RATIO
PARAMETER DC current transfer ratio Symmetry (CTR at + 10 mA)/(CTR at - 10 mA) TEST CONDITION IF = 10 mA, VCE = 10 V SYMBOL CTRDC MIN. 20 0.33 1 3 TYP. MAX. UNIT %
www.vishay.com 278
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83608 Rev. 1.6, 08-May-08
H11AA1
Optocoupler, Phototransistor Output, AC Input, with Base Connection
TYPICAL CHARACTERISTICS
Tamb = 25 C, unless otherwise specified
60 1.5 Normalized to: VCE = 10 V, IF = 10 mA TA = 70 C CTRce(sat) VCE = 0.4 V
Vishay Semiconductors
IF - LED Forward Current (mA)
40 85 C 20 25 C 0 - 55 C - 20 - 40 - 60 - 1.5 0.0 0.1
ih11aa1_04
NCTR - Normalized
1.0
0.5 NCTR(SAT) NCTR
- 1.0
- 0.5
0.0
0.5
1.0
1.5
1
10
100
ih11aa1_01
VF - LED Forward Voltage (V)
IF - LED Current (mA)
Fig. 1 - LED Forward Current vs.Forward Voltage
Fig. 4 - Normalized Non-Saturated and Saturated CTR vs. LED Current
1.5 Normalized to:
1.5 VCE = 10 V, IF = 10 mA
NCTR - Normalized CTR
1.0
TA = 25 C CTRce(sat) VCE = 0.4 V
NCTR - Normalized CTR
1.0
Normalized to: VCE = 10 V, IF = 10 mA TA = 85 C CTRce(sat) VCE = 0.4 V
0.5 NCTR(SAT) NCTR 0.0 0.1
0.5 NCTR(SAT) 0.0 0.1 NCTR 1 10 100
1
10
100
ih11aa1_02
IF - LED Current (mA)
ih11aa1_05
IF - LED Current (mA)
Fig. 2 - Normalized Non-Saturated and Saturated CTR vs. LED Current
Fig. 5 - Normalized Non-Saturated and Saturated CTR vs. LED Current
1.5
35
NCTR - Normalized CTR
ICE - Collector Current (mA)
1.0
Normalized to: VCE = 10 V, IF = 10 mA TA = 50 C CTRce(sat) VCE = 0.4 V
30 25 20 25 C 15 10 5 0 100 C 70 C 50 C
0.5 NCTR(SAT) NCTR 0.0 0.1 1 10 100
0
ih11aa1_06
10
20
30
40
50
60
ih11aa1_03
IF - LED Current (mA)
IF - LED Current (mA)
Fig. 3 - Normalized Non-Saturated and Saturated CTR vs. LED Current Document Number: 83608 Rev. 1.6, 08-May-08
Fig. 6 - Collector Emitter Current vs. Temperature and LED Current www.vishay.com 279
For technical questions, contact: optocoupler.answers@vishay.com
H11AA1
Vishay Semiconductors Optocoupler, Phototransistor Output,
AC Input, with Base Connection
105
10
ICEO - Collector Emitter (nA)
Normalized Photocurrent
104 103 102 VCE = 10 V 101 100 10-1 10-2 - 20 TYPICAL
Normalized to: IF = 10 mA 1
0.1
NIB - Ta = - 20 C NIb, Ta = 25 C NIb, Ta = 50 C NIb, Ta = 70 C 1 10 100
0
20
40
60
80
100
0.01 0.1
ih11aa1_10
ih11aa1_07
Tamb - Ambient Temperature (C)
IF - LED Current (mA)
Fig. 7 - Collector Emitter Leakage Current vs. Temperature
Fig. 10 - Normalized Photocurrent vs. LED Current
1.5
2.0 Normalized to: IF = 10 mA 70 C 50 C Normalized to: Ib = 20 A VCE = 10 V
NCTRcb - Normalized CTRcb
NhFE(sat) - Normalized Saturated hFE
1.0
VCB = 9.3 V
1.5 25 C
1.0 VCE = 0.4 V 0.5
0.5 25 C 50 C 70 C 0.0 0.1 1 10 100
0.0 1
ih11aa1_11
10
100
1000
ih11aa1_08
IF - LED Current (mA)
Ib - Base Current (A)
Fig. 8 - Normalized CTRcb vs. LED Current and Temperature
Fig. 11 - Normalized Saturated hFE vs. Base Current and Temperature
1000 100 10 1 0.1 0.01 0.1
ih11aa1_09
1.5 Normalized to: VCE = 10 V IB = 20 A
Icb - Collector Base Photocurrent (A)
NhFE(sat) Normalized Saturated hFE
ICB = 1.0357 x IF ^ 1.3631
70 C 1.0 - 25 C
50 C
- 20 C 0.5 VCE = 0.4 V 0.0
1
10
100
1
ih11aa1_12
10
100
1000
IF - LED Current (mA)
Ib - Base Current (A)
Fig. 9 - Collector Base Photocurrent vs. LED Current
Fig. 12 - Normalized Saturated hFE vs. Base Current and Temperature
www.vishay.com 280
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83608 Rev. 1.6, 08-May-08
H11AA1
Optocoupler, Phototransistor Output, AC Input, with Base Connection
Vishay Semiconductors
1000
2.5 tpHL - Propagation Delay (s) IF = 10 mA VCC = 5 V, VTH = 1.5 V
tp - Propagation Delay (s)
100
tPHL
2.0
10 tPLH
1.5
1 0.1
ih11aa1_13
1
10
1.0 100
RL - Collector Load Resistor (k)
Fig. 13 - Propagation Delay vs. Collector Load Resistor
IF
VO
tD tR tPLH VTH = 1.5 V tPHL tS tF
ih11aa1_14
Fig. 14 - Switching Waveform
VCC = 5 V
F = 10 kHz, DF = 50 %
RL VO
IF = 10 mA
ih11aa1_15
Fig. 15 - Switching Schematic
Document Number: 83608 Rev. 1.6, 08-May-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 281
H11AA1
Vishay Semiconductors Optocoupler, Phototransistor Output,
AC Input, with Base Connection
PACKAGE DIMENSIONS in inches (millimeters)
3 2 1 Pin one ID
0.248 (6.30) 0.256 (6.50)
4
5
6
ISO method A
0.335 (8.50) 0.343 (8.70) 0.039 (1.00) min. 0.048 (0.45) 0.300 (7.62) typ.
0.022 (0.55) 0.130 (3.30) 0.150 (3.81)
4 typ. 0.031 (0.80) min. 0.031 (0.80) 0.018 (0.45) 0.022 (0.55) 0.100 (2.54) typ.
i178004
18 0.114 (2.90) 0.130 (3.0) 3 to 9 0.010 (0.25) typ. 0.300 to 0.347 (7.62 to 8.81)
0.035 (0.90)
Option 6
0.407 (10.36) 0.391 (9.96) 0.307 (7.8) 0.291 (7.4)
Option 7
0.300 (7.62) typ.
Option 9
0.375 (9.53) 0.395 (10.03 ) 0.300 (7.62) ref.
0.028 (0.7)
0.180 (4.6) 0.160 (4.1) 0.315 (8.0) min.
0.0040 (0.102) 0.0098 (0.249) 0.020 (0.51 ) 0.040 (1.02 ) 0.315 (8.00) min.
0.012 (0.30 ) typ.
0.014 (0.35) 0.010 (0.25) 0.400 (10.16) 0.430 (10.92)
0.331 (8.4) min. 0.406 (10.3) max.
15 max.
18450
www.vishay.com 282
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83608 Rev. 1.6, 08-May-08
H11AA1
Optocoupler, Phototransistor Output, AC Input, with Base Connection
OZONE DEPLETING SUBSTANCES POLICY STATEMENT
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively. 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
Vishay Semiconductors
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Document Number: 83608 Rev. 1.6, 08-May-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 283
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of H11AA1-X006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X